PART |
Description |
Maker |
FM27C010 FM27C010N120 FM27C010N150 FM27C010N90 FM2 |
1,048,576-Bit 128K x 8 High Performance CMOS EPROM 1/048/576-Bit 128K x 8 High Performance CMOS EPROM CONN HEADER .100 72POS DUAL TIN 128K X 8 OTPROM, 90 ns, PDIP32 CONN HEADER .100 72POS DL GOLD
|
FAIRCHILD[Fairchild Semiconductor] Davies Molding, LLC FAIRCHILD SEMICONDUCTOR CORP
|
EPS28 EPS48 EPS24 EPS17 EPS15 EPS12 WT4-15 EPS33 E |
TRANSIENT VOLTAGE SUPPESSOR TRANSIENT VOLTAGE SUPPESSOR 1000 W, BIDIRECTIONAL, SILICON, TVS DIODE CONN HEADER 7POS 3MM VERT GOLD CONN HEADER 7POS 3MM VERT TIN From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
FM4759W FM4763W FM4735W FM4736W FM4737W FM4738W FM |
CONN 50P 25X2 2.5MM 2mm TERMINAL STRIP CONN HDR TMM-140-06-L-D-SM-A-P SURFACE MOUNT ZENER SILICON RECTIFIER (VOLTAGE RANGE - 6.2 TO 91.0 Volts Steady State Power- 1.0 Watt) 91 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC CONN,HEADER,SGL ROW,2MM PTCH 28 PIN 15 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC
|
RECTRON LTD RECTRON[Rectron Semiconductor]
|
DDTA114EKA DDTA115EKA DDTA123EKA DDTA124EKA DDTA14 |
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 进步党预偏置小信号资 59表面贴装晶体 CONN HEADER 50POS DUAL VERT PCB 进步党预偏置小信号资 59表面贴装晶体
|
Diodes Inc. DIODES[Diodes Incorporated] Diodes, Inc.
|
FTS-105-02-L-DV FTS-150-03-L-D FTS-150-03-L-DV FTS |
.050 X .050 C.L. LOW PROFILE TERMINAL STRIP ASSEMBLY 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 100POS DUAL .05 T/H 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 100POS DUAL .05 SMD 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 42 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Samtec, Inc. SAMTEC INC
|
2N3134 2N3299 2N3252 2N3439 2N2854 2N2855 2N3110 2 |
SHROUDED HEADER 14 POS RT ANGLE NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 HEADER, 100MIL, 10PIN, VERTICAL, TH SHROUDED HEADER 10 POS RT ANGLE CONN, HEADER 2X5 PINS .10X.10 CENTERS STRAIGHT SHROUDED,LOW
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] http://
|
90122-0138 |
CONN HEADER 36POS .100 R/A TIN
|
Molex
|
90122-0145 |
CONN HEADER 50POS .100 R/A TIN
|
Molex
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
ICL3232EIV-16Z-T ICL3221EIV ICL3221EIV-T ICL3222EI |
CAT5E PATCH CORD 10 FOOT YELLOW CONNECTOR, DUAL ROW, QF 50,10 PIN 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDSO28 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO20 .100-In. KK Solid Header, Vertical, Friction Lock, 16 Circuits, Tin DUAL LINE TRANSCEIVER, PDSO20 CAT5E PATCH CORD 100MHZ 7 FOOT YELLOW DUAL LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 RSM, 604 1% 1206 TRIPLE LINE TRANSCEIVER, PDSO28
|
Intersil Corporation Intersil, Corp.
|
MAX301 MAX301CJE MAX301CPE MAX301CSE MAX301EJE MAX |
Precision, Dual, High-Speed Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP16 Precision, Dual, High-Speed Analog Switches 精密,双路,高速模拟开 Precision / Dual / High-Speed Analog Switches 15kV ESD-Protected / 3.3V Quad RS-422 Transmitters Precision Dual High-Speed Analog Switches
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
|